データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS89010 データシート(PDF) 32 Page - ams-OSRAM AG

部品番号 AS89010
部品情報  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 データシート(HTML) 32 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 28Page - ams-OSRAM AG AS89010 Datasheet HTML 29Page - ams-OSRAM AG AS89010 Datasheet HTML 30Page - ams-OSRAM AG AS89010 Datasheet HTML 31Page - ams-OSRAM AG AS89010 Datasheet HTML 32Page - ams-OSRAM AG AS89010 Datasheet HTML 33Page - ams-OSRAM AG AS89010 Datasheet HTML 34Page - ams-OSRAM AG AS89010 Datasheet HTML 35Page - ams-OSRAM AG AS89010 Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 30 of 41
AS89010
V3.11
8 APPLICATION NOTES
Figure 19 shows typical connection of external devices to the AS89010. If digital and analog grounds are
separately routed onto the printed circuit build, they should be together, connected near the device.
Figure 19: Typical connection circuitry; (a) common cathode photodiode array (CREGL:DIR=’1b’), (b) common anode
photodiode array (CREGL:DIR=’0b’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43