データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMV20000 データシート(PDF) 25 Page - ams-OSRAM AG

部品番号 CMV20000
部品情報  CMV20000 20MP CMOS machine vision image sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV20000 データシート(HTML) 25 Page - ams-OSRAM AG

Back Button CMV20000 Datasheet HTML 21Page - ams-OSRAM AG CMV20000 Datasheet HTML 22Page - ams-OSRAM AG CMV20000 Datasheet HTML 23Page - ams-OSRAM AG CMV20000 Datasheet HTML 24Page - ams-OSRAM AG CMV20000 Datasheet HTML 25Page - ams-OSRAM AG CMV20000 Datasheet HTML 26Page - ams-OSRAM AG CMV20000 Datasheet HTML 27Page - ams-OSRAM AG CMV20000 Datasheet HTML 28Page - ams-OSRAM AG CMV20000 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
CMV20000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000440 • v3-00 • 2026-Mar-13
25 / 69
/
7.2.3
Reset sequence
If a sensor reset is necessary while the sensor is running, the following sequence should be
followed.
Figure 8: Reset sequence
The on-board sequencer will be reset and all programming registers will return to their default
start-up values when a falling edge is detected on the SYS_RES_N pin. After the reset there is
a minimum time of 1 μs needed before a FRAME_REQ pulse can be sent. All recommended
register settings must be reloaded after a reset sequence.
7.2.4
SPI programming
Programming the sensor is done by writing the appropriate values to the on-board registers.
These registers can be written over a simple serial interface (SPI). The details of the timing
and data format are described below. The data written to the programming registers can also
be read out over this same SPI interface.
The SPI out does not have a tri-state, so multiple SPI outputs cannot be on the same bus
without a buffer.
1μs
CLK_IN
SYS_RES_N
FRAME_REQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69