| データシートサーチシステム |
|
CMV300 データシート(PDF) 44 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV300 データシート(HTML) 44 Page - ams-OSRAM AG |
|
44 / 56 page ![]() Reference:CMV300-datasheet-v2.11 CMV300 Datasheet Page 42 of 54 © 2016 CMOSIS bvba Register overview Address Default Value Remark/Required value Bit[7] Bit[6] Bit[5] Bit[4] Bit[3] Bit[2] Bit[1] Bit[0] 96 0 Do not change 97 0 Offset_top[7:0] Set to 240 98 0 Offset_top[11:8] Set to 10 99 255 Do not change 100 96 ADC_gain[6:0] Set to 112* 101 136 Set to 98 102 136 Set to 34 103 136 Set to 64 104 96 Do not change 105 96 Do not change 106 64 Set to 90 107 96 Set to 110 108 96 Set to 91 109 96 Set to 82 110 96 Set to 80 111 64 Do not change 112 64 Do not change 113 64 Vtfl2[6:0] 114 64 Vtfl3[6:0] 115 96 Do not change 116 96 Do not change 117 96 Set to 91 118 0 Do not change 119 0 Do not change 120 0 Do not change 121 0 Do not change 122 0 Do not change 123 0 Do not change 124 0 Do not change 125 0 Do not change 126 0 Do not change 127 255 Do not change Note: The default value of the “do not change” registers should not be overwritten. *Depends per device and clock speed. |