データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCSP1005 データシート(PDF) 2 Page - Infinite Electronics International, Inc.

部品番号 LCSP1005
部品情報  7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Pass 1000W IP67 20kA Filter Low PIM -155 dBc
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  L-COM [Infinite Electronics International, Inc.]
ホームページ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCSP1005 データシート(HTML) 2 Page - Infinite Electronics International, Inc.

  LCSP1005 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCSP1005 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCSP1005 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L-com, Inc. • 50 High St., West Mill, 3rd Floor, Suite #30 North Andover, MA 01845
Phone: 1-800-343-1455 • sales@L-com.com
© 2018 L-com, Inc All Right Reserved
Configuration
Input Connector
7/16 DIN Female
Output Connector
7/16 DIN Male
Environmental Specifications
Temperature
Operating Range
-50 to 85 deg C
Ingress Protection (IP) Rating
IP 67
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Our portfolio includes cable assemblies, connectors, adapters and custom products, as well as their wireless product line
which includes antennas, RF amplifiers, coaxial lightning and surge protectors, and NEMA rated enclosures.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Pass 1000W IP67
20kA Filter Low PIM -155 dBc LCSP1005
URL:
RF Surge Protectors Technical Data Sheet
LCSP1005
7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz
- 2.7GHz DC Pass 1000W IP67 20kA Filter Low PIM -155 dBc
LCSP1005 REV 1.0



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com