データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCSP1006 データシート(PDF) 1 Page - Infinite Electronics International, Inc.

部品番号 LCSP1006
部品情報  7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect Low PIM -155 dBc
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  L-COM [Infinite Electronics International, Inc.]
ホームページ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCSP1006 データシート(HTML) 1 Page - Infinite Electronics International, Inc.

  LCSP1006 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCSP1006 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCSP1006 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-com, Inc. • 50 High St., West Mill, 3rd Floor, Suite #30 North Andover, MA 01845
Phone: 1-800-343-1455 • sales@L-com.com
© 2018 L-com, Inc All Right Reserved
Features
• Surge current of 40kA
• Max Power 500W
• Frequency range from 698 MHz to 2.7 GHz
• Waterproof IP67 rated
• 7/16 DIN female connector to 7/16 DIN male connector
• DC Block
• Low PIM
• VSWR <1.1:1
• Low insertion loss
• CE & RoHS compliant
• Bi-Directional
Applications
• Cellular communication systems
• Public safety systems
• Emergency response systems
• Industrial
.
Description
RF surge protector (also known as lightning arrester) LCSP1006 from L-COM utilizing a patented spiral inductor design
enables an almost instantaneous response to a lightning surge to protect critical hardware while maintaining the RF perfor-
mance. This RF surge protector component is manufactured in a coaxial in-line design with wide operating frequency range.
All L-COM RF surge protector products are available in stock with same day shipping.
Electrical Specifications
Surge Protector Type
Surge Filter
DC Handling
DC Block
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.698
2.7
GHz
Impedance
50
Ohms
VSWR
1.1:1
Return Loss
26
dB
Insertion Loss
0.1
dB
Passive Intermodulation
-155
dBc
Input Power, CW
500
Watts
500W @ 920MHz
750W @ 50°C
Surge Current
40
kAmps
IEC 61000-4-5 8/20µs WAVEFORM
Throughput Energy
0.01
µJ
FOR 3kA@ 8/20µs WAVEFORM
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and
certifications: 7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect Low PIM
-155 dBc LCSP1006
LCSP1006 REV 1.0
7/16 F/M In/Out Bulkhead RF Coaxial Surge
Protector 698MHz - 2.7GHz DC Block 500W
IP67 40kA Filter BiDirect Low PIM -155 dBc
RF Surge Protectors Technical Data Sheet
LCSP1006


同様の部品番号 - LCSP1006

メーカー部品番号データシート部品情報
logo
Infinite Electronics In...
LCSP1001 L-COM-LCSP1001 Datasheet
356Kb / 3P
Type N F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect
2/28/18
LCSP1002 L-COM-LCSP1002 Datasheet
341Kb / 3P
Type N F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect with Bracket
2/28/18
LCSP1003 L-COM-LCSP1003 Datasheet
356Kb / 3P
Type N F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect Low PIM -155 dBc
2/28/18
LCSP1005 L-COM-LCSP1005 Datasheet
348Kb / 3P
7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Pass 1000W IP67 20kA Filter Low PIM -155 dBc
2/28/18
LCSP1007 L-COM-LCSP1007 Datasheet
334Kb / 3P
7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter Low PIM -155 dBc with Bracket
2/28/18
More results

同様の説明 - LCSP1006

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1004 PASTERNACK-PE73SP1004 Datasheet
223Kb / 3P
7/16 F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1005 PASTERNACK-PE73SP1005 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1006 PASTERNACK-PE73SP1006 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1007 PASTERNACK-PE73SP1007 Datasheet
219Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1008 PASTERNACK-PE73SP1008 Datasheet
233Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1034 PASTERNACK-PE73SP1034 Datasheet
250Kb / 3P
7/16 M/F In/Out Coax RF Surge Protector
PE73SP1037 PASTERNACK-PE73SP1037 Datasheet
249Kb / 3P
7/16 F/F In/Out Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com