データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSR450 データシート(PDF) 4 Page - Clarke International

部品番号 CSR450
部品情報  4-SHELF BOLTLESS SHELVING UNITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARKE [Clarke International]
ホームページ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSR450 データシート(HTML) 4 Page - Clarke International

  CSR450 Datasheet HTML 1Page - Clarke International CSR450 Datasheet HTML 2Page - Clarke International CSR450 Datasheet HTML 3Page - Clarke International CSR450 Datasheet HTML 4Page - Clarke International CSR450 Datasheet HTML 5Page - Clarke International CSR450 Datasheet HTML 6Page - Clarke International CSR450 Datasheet HTML 7Page - Clarke International CSR450 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ASSEMBLY ADVICE
1. Assemble on a strong, level surface. Avoid assembly on a domestic carpet.
2. Use a cloth or softwood block to protect the surface finish of the product
when using a mallet. Strike the flat surface of each beam to prevent
damage to the beam.
3. Always ensure that the rivets sit at the bottom of the keyhole slots.
4. It is recommended that the assembly should be done by two persons.
5. The shelving unit is not recommended for outdoor use.
ASSEMBLY INSTRUCTIONS
TOOLS REQUIRED
Rubber mallet or hammer
Protective cloth/wood block
The tabs of the beams will often enter
the slots fully using just firm hand
pressure but if they are too tight, you
may require a rubber mallet to assist.
If so, always use a cloth to protect
the product paint finish.
Tap gently with the mallet to drive the
tabs of the beams fully into the slots in
the corner post. Always strike the
edge close to the post.
1. Use the short beams (D) to
connect the front and rear corner
posts together as in Fig 1.
NOTE: The edge with the wider
flange should be installed
uppermost to support the
shelf.
•
Repeat this again to create the
other end assembly, making sure
that the corresponding beams
are at the same height as in Fig 2.



Html Pages

1 2 3 4 5 6 7 8