| データシートサーチシステム |
|
CSV2A データシート(PDF) 7 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSV2A データシート(HTML) 7 Page - Clarke International |
|
7 / 16 page ![]() 7 MAINTENANCE These pumps should require no maintenance other than regular cleaning. If the pump starts to show signs of wear or damage, contact your CLARKE dealer for advice. Do not use the pump if there is any damage to the mains supply cable or to the float switch or its cable. Do not attempt to repair the pump yourself as you may damage the waterproof seal and invalidate your guarantee. Repairs must be carried out by your CLARKE dealer or contact the CLARKE Service Department on 020 8988 7400. If the troubleshooting on page 8 does not solve your problem please contact the Clarke service department. CLEANING 1. Check the pump installation regularly to ensure the base inlet is clear of leaves or other debris. • These pumps have screwless fittings at their base, allowing the removal of the plastic cover by prising the two release clips apart in the direction of the arrows. • This allows better access to the cavity at the bottom, should the pump become badly clogged. Flush the cavity and the impeller housing with clean water. • To replace the cover, ensure the release clips line up with the holes on the base of the pump and press the cover home. NOTE: Do not attempt to strip the pump further as this will invalidate the guarantee. WARNING: BEFORE CHECKING THE CONDITION OF THE PUMP, ENSURE IT IS UNPLUGGED FROM THE MAINS SUPPLY. |