データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CWC38 データシート(PDF) 4 Page - Clarke International

部品番号 CWC38
部品情報  LOCKABLE WALL CABINET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARKE [Clarke International]
ホームページ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWC38 データシート(HTML) 4 Page - Clarke International

  CWC38 Datasheet HTML 1Page - Clarke International CWC38 Datasheet HTML 2Page - Clarke International CWC38 Datasheet HTML 3Page - Clarke International CWC38 Datasheet HTML 4Page - Clarke International CWC38 Datasheet HTML 5Page - Clarke International CWC38 Datasheet HTML 6Page - Clarke International CWC38 Datasheet HTML 7Page - Clarke International CWC38 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ASSEMBLY
1. Place the left panel against the
rear panel and use the fixings
(machine screws, nuts and
washers) supplied to secure.
2. Repeat with the right panel and
the bottom panels.
3. Set the door in place as shown
making sure that the hinge pin is
inserted into the hole on the
bottom panel.
4. Fit the top panel and secure in
place using the fixings supplied.
The hinge pin on top of the door
must be inserted into the hole in
the top panel.



Html Pages

1 2 3 4 5 6 7 8