| データシートサーチシステム |
|
LA6 データシート(PDF) 21 Page - PATLITE CORPORATION. |
|
|
|||||||||||||||||||||||||||||
LA6 データシート(HTML) 21 Page - PATLITE CORPORATION. |
|
21 / 26 page ![]() 21/26 5.3.2. LED Color Change/Version Confirmation When all LED tiers flash a green color, the “LED Color Change/Version Confirmation” can be selected while it is in that status. As shown in the following figure, when the Multiple-function Button is pushed for about 0.5 seconds, 3 different selections: the “LED Color Change”; “Version Confirmation”; and returning to “Signal Tower” mode, can be selected. Once the selection is made, if the Multiple-function button is pushed about 3 seconds longer, then the mode goes into the status selected. 5.3.2.1. LED Color Change The LED color which operates in the “Signal Tower” mode can be changed. First, the LED color change starts from the1st tier where the red LED turns on. As shown in the following figure, whenever the Multiple-function button is pressed for a short time (about 0.5 second), the 1st LED Tier color changes in order. Push Button About 3 sec. Push Button About 0.5 sec. LED Color Change Version Conrmaton Returns to “Signal Tower” mode Push Button About 3 sec. Push Button About 0.5 sec. Push Button About 3 sec. Push Button About 0.5 sec. Push Button About 3 sec. The contents are selected and entered Returns back to “Signal Tower” mode if no input occurs after 15 seconds. Green White OFF 21/26 |