データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GW-CSSRM1-BM データシート(PDF) 21 Page - ams-OSRAM AG

部品番号 GW-CSSRM1-BM
部品情報  OSLON™ Square
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM1-BM データシート(HTML) 21 Page - ams-OSRAM AG

Back Button GW-CSSRM1-BM Datasheet HTML 17Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 18Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 19Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 20Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 21Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 22Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 23Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 24Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 25Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
GW CSSRM1.BM
DATASHEET
DATASHEET
21 | Version 1.9 | 2026-07-20
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class moderate risk (exposure time 0.25 s). Under real circumstances (for exposure
time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye ex-
ists from these devices. As a matter of principle, however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their blinding effect. When looking at bright light sources
(e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy-
ance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
This device is designed for specific/recommended applications only. Please consult OSRAM Opto
Semiconductors Sales Staff in advance for detailed information on other non-recommended applications
(e.g. automotive).
Change management for this component is aligned with the requirements of the lighting market.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25