| データシートサーチシステム |
|
WME-3M2D データシート(PDF) 2 Page - PATLITE CORPORATION. |
|
|
|||||||||||||||||||||||||||||
WME-3M2D データシート(HTML) 2 Page - PATLITE CORPORATION. |
|
2 / 9 page ![]() [General Specifications] Buzzer2 : Rapid intermittent beep 2 / 2620Hz Flashing Rate 60±2 Flashes Per Minute Outer Dimensions Refer to the Outer Dimensions Drawing Environmental Buzzer1 measured from the front direction of the buzzer opening at 1m Luminous Intensity (Typ.) Red : 2000mcd Amber : 5200mcd Green : 3100mcd Blue : 1700mcd White : 8700mcd Mass (Tolerance ±10%) 1tier : 0.28kg 2tiers : 0.37kg 3tiers : 0.46kg 4tiers : 0.55kg 5tiers : 0.64kg Insulation Resistance More than 1MΩ at 500VDC between live part and non-current carrying metallic part Withstand Voltage 500VAC applied for 1min between live part and non-current carrying metallic part without breaking insulation Sound Pressure Level (Typ.) 93dB Buzzer Sound Buzzer1 : Rapid intermittent beep 1 / 2620Hz Vibration Resistance 20m/s² (JIS C 60068-2-6) Horizontal Protection Rating IP54 (IEC 60529) Environmental Condition Upright -15℃ to +60 ℃ Storage Ambient Humidity Less than 90% (No condensation) Mounting Location Indoor Only Mounting Direction Upright Upward Downward Operating Voltage Range Rated Voltage ±10% Signal Wire Current /Power Consumption Remarks ・ Due to the characteristics of the LED elements, a variation in difference of the color tone and brightness of every product may occur. ・ Power Consumption is the sum total of each LED Unit and Buzzer. Example) WME-302DFB-RYG Rated Power Consumption(Typ.) 0.5W(LED Unit Red)+0.6W(LED Unit Amber)+0.4W(LED Unit Green)+1.0W(Buzzer) = 2.5W ・ Model Number Configuration ・ Conforms to the CE Requirements ・ Conforms to the UKCA Requirements Operating Ambient Temperature -10℃ to +55 ℃ Operating Ambient Humidity Less than 90% (No condensation) Storage Ambient Temperature Product Name Signal Tower Model WME-□02DFB Rated Voltage 24V DC Drawing No. Rev. Page WME-D-W18 D Per LED Unit Buzzer Red Amber Green Blue White 26mA 15mA Rated Power Consumption Typ. 0.5W 0.6W 29mA 29mA 0.4W 40mA Max. 26mA 35mA 20mA 35mA 35mA 50mA 0.7W 1.0W Max. 0.7W 0.9W 0.5W 0.9W 0.9W 1.2W Inrush Current Power Supply Wire - Signal Wire LED Unit : - / Buzzer : 100mA ,Less than 3ms Signal wire current Typ. 22mA 0.7W Conformity Standards UL 508, CSA-C22.2 No. 14 EMC Directive (EN 61000-6-4, EN 61000-6-2) RoHS Directive (EN IEC 63000) FCC Part15 SubpartB Class A KC (KN 61000-6-4, KN 61000-6-2) From top to bottom 5 5Tiers 02 24V DC 3 3Tiers 4 4Tiers 1 1Tier FB With Flashing/Buzzer 2 2Tiers Model Tiers Rated Voltage Flashing /Buzzer LED Unit Color WME - ⇩ 02 D FB - ⇩ Red Y Amber G Green R B Blue C White 2 / 9 |