| データシートサーチシステム |
|
ACTHC49 データシート(PDF) 2 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTHC49 データシート(HTML) 2 Page - Advanced Crystal Technology |
|
2 / 3 page ![]() PACKAGE OPTIONS AVAILABLE Gull Wing. Gullwing with clip. With insulating washer. Cropped leads. With centre ground lead. With ground lead to top of can. ACT HC49/U ( Custom Packages ) email : info@actcrystals.com 4.433619 Standard Frequencies (MHz) Please note that all parameters can not necessarily be specified in the same device Tel : 0044 (0)118 979 1238 Fax : 0044 (0)118 979 1283 Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature Range, Load Capacitance & Mode 14.7456 28.224 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK http://www.actcrystals.com ISO9001:2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 4.032 4.096 15.000 28.63636 24.00014 14.000 25.000 14.31818 27.000 16.000 29.4912 18.000 36.000 17.73447 32.768 16.384 30.000 32.000 3.6864 3.93216 5.000 5.120 2.4576 3.000 5.7143 3.2768 3.579545 3.600 6.5536 6.5539 7.3728 7.680 8.192 8.67237 6.000 6.144 6.176 5.185 10.752 11.000 9.000 9.216 9.8304 10.000 18.432 40.000 1.8432 4.194304 7.15909 11.2896 19.6608 48.000 1.000 4.096 7.000 11.0592 50.000 2.097425 4.9152 7.3728 12.288 22.1184 56.448 12.000 2.000 20.000 60.000 2.8224 5.0688 8.000 13.875 24.576 64.000 13.000 4.000 6.400 10.245 16.9344 In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice Issue: 6 C1H3 Date: 15/02/05 A B C D E F H G in mm (max) A B C D E F G H 11.05 5.0 10.5 HC49/U HC49/T HC49/D 13.5 11.5 9.5 13.2 max 4.88±0.2 4.0 0.45±0.05 Dimensions 2 of 3 |