データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCSP1033 データシート(PDF) 1 Page - Infinite Electronics International, Inc.

部品番号 LCSP1033
部品情報  Type N F/F In/Out RF Coaxial Surge Protector 100MHz - 512MHz DC Block 750W IP67 20kA Filter Bracket Toward Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  L-COM [Infinite Electronics International, Inc.]
ホームページ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCSP1033 データシート(HTML) 1 Page - Infinite Electronics International, Inc.

  LCSP1033 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCSP1033 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCSP1033 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-com, Inc. • 50 High St., West Mill, 3rd Floor, Suite #30 North Andover, MA 01845
Phone: 1-800-343-1455 • sales@L-com.com
© 2018 L-com, Inc All Right Reserved
Features
• Surge current of 20kA
• Max Power 750W
• Frequency range from 100 MHz to 512 MHz VHF Band
• N Female to N Female connectors
• VSWR 1.1:1
• Waterproof IP67 rated
• DC Block
• Multi-strike capability
• CE & RoHS compliant
Applications
• Emergency response systems
• Public safety systems
.
Description
RF surge protector (also known as lightning arrester) LCSP1033 from L-COM utilizing a patented filter surge protection tech-
nology acts as a high-band filter shunting surge energy to ground to protect critical hardware while maintaining the RF perfor-
mance. This RF surge protector component is manufactured in a coaxial in-line design with wide operating frequency range.
All L-COM RF surge protector products are available in stock with same day shipping.
Electrical Specifications
Surge Protector Type
Surge Filter
DC Handling
DC Block
Description
Minimum
Typical
Maximum
Units
Frequency Range
100
512
MHz
Impedance
50
Ohms
VSWR
1.1:1
Return Loss
26
dB
Insertion Loss
0.1
dB
Input Power, CW
750
Watts
Surge Current
20
kAmps
IEC 61000-4-5 8/20µs WAVEFORM
Throughput Energy
0.5
µJ
FOR 3kA, 8/20µs WAVEFORM
.
Mechanical Specifications
.
Configuration
Input Connector
N Female
Output Connector
N Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and
certifications: Type N F/F In/Out RF Coaxial Surge Protector 100MHz - 512MHz DC Block 750W IP67 20kA Filter Bracket Toward Body
LCSP1033
LCSP1033 REV 1.0
Type N F/F In/Out RF Coaxial Surge Protector 100MHz - 512MHz
DC Block 750W IP67 20kA Filter Bracket Toward Body
RF Surge Protectors Technical Data Sheet
LCSP1033


同様の部品番号 - LCSP1033

メーカー部品番号データシート部品情報
logo
Infinite Electronics In...
LCSP1030 L-COM-LCSP1030 Datasheet
294Kb / 3P
Type N F/F In/Out Bulkhead RF Coaxial Surge Protector 1.5MHz - 700MHz DC Block 3kW 20kA Blocking Cap and Gas Tube
3/15/18
LCSP1031 L-COM-LCSP1031 Datasheet
296Kb / 3P
Type N M/F In/Out Bulkhead RF Coaxial Surge Protector 125MHz - 1GHz DC Block 500W 50kA Blocking Cap and Gas Tube
3/15/18
LCSP1032 L-COM-LCSP1032 Datasheet
299Kb / 3P
UHF F/F In/Out Bulkhead RF Coaxial Surge Protector 1.5MHz - 700MHz DC Block 2kW 50kA Blocking Cap and Gas Tube
3/15/18
LCSP1034 L-COM-LCSP1034 Datasheet
331Kb / 3P
7/16 M/F In/Out RF Coaxial Surge Protector 100MHz - 512MHz DC Block 750W IP67 20kA Filter Low PIM -155 dBc Bracket Toward Body
3/8/18
LCSP1035 L-COM-LCSP1035 Datasheet
332Kb / 3P
Type N F/F In/Out RF Coaxial Surge Protector 100MHz - 512MHz DC Block 750W IP67 20kA Filter Bracket Away from Arrestor
3/8/18
More results

同様の説明 - LCSP1033

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE73SP1000 PASTERNACK-PE73SP1000 Datasheet
216Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1033 PASTERNACK-PE73SP1033 Datasheet
258Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1035 PASTERNACK-PE73SP1035 Datasheet
252Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1036 PASTERNACK-PE73SP1036 Datasheet
239Kb / 3P
Type N M/F In/Out Coax RF Surge Protector
PE73SP1037 PASTERNACK-PE73SP1037 Datasheet
249Kb / 3P
7/16 F/F In/Out Coax RF Surge Protector
PE73SP1048 PASTERNACK-PE73SP1048 Datasheet
213Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1050 PASTERNACK-PE73SP1050 Datasheet
215Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com