データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSW13T データシート(PDF) 4 Page - Clarke International

部品番号 CSW13T
部品情報  SPOT WELDER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARKE [Clarke International]
ホームページ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSW13T データシート(HTML) 4 Page - Clarke International

  CSW13T Datasheet HTML 1Page - Clarke International CSW13T Datasheet HTML 2Page - Clarke International CSW13T Datasheet HTML 3Page - Clarke International CSW13T Datasheet HTML 4Page - Clarke International CSW13T Datasheet HTML 5Page - Clarke International CSW13T Datasheet HTML 6Page - Clarke International CSW13T Datasheet HTML 7Page - Clarke International CSW13T Datasheet HTML 8Page - Clarke International CSW13T Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
FIRE OR EXPLOSION
1. Welding can cause fire and explosions. Precautions should be taken to
prevent these hazards.
2. Before starting work ensure the area is clear of flammable materials and
move any combustible materials to a safe distance, especially substances
likely to generate a dangerous vapours.
3. The welding arc can cause serious burns. Avoid contact with skin.
4. Sparks and molten metal may be ejected during welding. Take
precautions to prevent fire.
5. Sparks and molten metal can pass through gaps. Be aware that fire can
start out of sight.
6. Do not weld to pressurised containers. or containers containing flammable
vapours e.g. fuel tanks.
7. Always have appropriate fire fighting equipment to hand suitable for use in
electrical environments.
8. Avoid carrying any fuels with you e.g. cigarette lighters or matches.
PERSONAL PROTECTION
1. The body should be protected by suitable clothing.
2. The use of neck protection may be necessary against reflected radiation.
3. Arc welding machines generate a magnetic field which is detrimental to
pacemakers. Consult your doctor before going near active welding
equipment/operations.
4. The UV and IR radiation generated by welding is highly damaging to the
eyes, causing burns. This can also affect the skin.
5. Always use suitable welding shields equipped with appropriate protection
filters.
6. Where there are pedestrians and traffic ensure a protective screen is used
to avoid accidental arc glare.
7. Do not weld in the vicinity of children or animals and ensure no one is
looking before striking an arc.
8. Wear hearing protection if required.
9. Allow the weld to cool. Hot metal should never be handled without gloves.
10. Take care when adjusting or maintaining the electrode/holder, that it has
had time to cool sufficiently and the welder is disconnected from the mains
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20