| データシートサーチシステム |
|
R5F1214CASP データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F1214CASP データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 85 page ![]() RL78/G16 1. OUTLINE R01DS0431EJ0130 Rev.1.30 Page 13 of 85 May 19, 2025 Table 1-5. Multiplexed Functions of 24-pin Products (2/2) Pin No. I/O Analog HMI Timer Communications Interface 24 P40 TOOL0 (PCLBUZ0) — — INTP2 — (TI01/TO01) — — Remark 1. For pin identification, see 1.4 Pin Identification. Remark 2. Functions in parentheses can be assigned via settings in the peripheral I/O redirection register (PIOR). Refer to Figure 4-6 Format of Peripheral I/O Redirection Registers 0 to 6 (PIOR0 to PIOR6) in the RL78/G16 User’s Manual. Remark 3. For the product in a QFN package, solder the exposed die pad onto a plated area of the PCB that has no electrical connections. |