データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HSF1 データシート(PDF) 3 Page - Clarke International

部品番号 HSF1
部品情報  MMA INVERTER WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARKE [Clarke International]
ホームページ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 データシート(HTML) 3 Page - Clarke International

  HSF1 Datasheet HTML 1Page - Clarke International HSF1 Datasheet HTML 2Page - Clarke International HSF1 Datasheet HTML 3Page - Clarke International HSF1 Datasheet HTML 4Page - Clarke International HSF1 Datasheet HTML 5Page - Clarke International HSF1 Datasheet HTML 6Page - Clarke International HSF1 Datasheet HTML 7Page - Clarke International HSF1 Datasheet HTML 8Page - Clarke International HSF1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PRINCIPLES OF THE MACHINE
The MMA150 is an inverter type welding machine, suitable to carry out No Gas
welding with the advantages of high energy efficiency, strong arc penetration and
small welding deformation.
Weldable materials include low carbon steel, low alloy steel, high strength steel,
stainless steel and aluminium alloy.
Manual Metal Arc (MMA) welding uses a coated consumable electrode (stick) to lay
the weld, therefore an additional welding torch kit is not used. The arc melts the core
of the electrode to produce drops of molten metal (weld pool) that cool to create the
welded joint. Because of the versatility and simplicity of MMA welding, it requires less
skill and is used primarily to weld iron and steel (including stainless steel. but nickel
and copper can also be welded using this method.)
A wide selection of accessories and consumables are available from your CLARKE
dealer (see page 24).
When using the welder outside you may need to erect a wind break to make sure the
shielding gas is not blown away, thereby leaving a poor quality weld.
ENVIRONMENTAL RECYCLING POLICY
Through purchase of this product, the customer is taking on the obligation
to deal with the WEEE in accordance with the WEEE regulations in relation
to the treatment, recycling & recovery and environmentally sound disposal
of the WEEE.
In effect, this means that this product must not be disposed of with general
household waste. It must be disposed of according to the laws governing Waste
Electrical and Electronic Equipment (WEEE) at a recognised disposal facility.
If disposing of this product or any damaged components, do not dispose of with
general waste. This product contains valuable raw materials. Metal products should
be taken to your local civic amenity site for recycling of metal products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28