データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9356-RBN6T データシート(PDF) 8 Page - STMicroelectronics

部品番号 M9356-RBN6T
部品情報  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M9356-RBN6T データシート(HTML) 8 Page - STMicroelectronics

Back Button M9356-RBN6T Datasheet HTML 4Page - STMicroelectronics M9356-RBN6T Datasheet HTML 5Page - STMicroelectronics M9356-RBN6T Datasheet HTML 6Page - STMicroelectronics M9356-RBN6T Datasheet HTML 7Page - STMicroelectronics M9356-RBN6T Datasheet HTML 8Page - STMicroelectronics M9356-RBN6T Datasheet HTML 9Page - STMicroelectronics M9356-RBN6T Datasheet HTML 10Page - STMicroelectronics M9356-RBN6T Datasheet HTML 11Page - STMicroelectronics M9356-RBN6T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
M93S66, M93S56, M93S46
8/34
Figure 4. READ, WRITE, WEN and WDS Sequences
Note: For the meanings of An, Xn, Qn and Dn, see Table 2. and Table 3..
AI00889D
1 1 0 An
A0
Qn
Q0
DATA OUT
D
S
Q
S
WRITE
ADDR
OP
CODE
1 0An
A0
DATA IN
D
Q
OP
CODE
Dn
D0
1
BUSY
READY
S
WRITE
ENABLE
1
0Xn X0
D
OP
CODE
1
01
S
WRITE
DISABLE
1
0Xn X0
D
OP
CODE
0
0
0
CHECK
STATUS
ADDR
PRE
READ
PRE
W
PRE
W
PRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34