| データシートサーチシステム |
|
R7F100LLL3CFB データシート(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7F100LLL3CFB データシート(HTML) 3 Page - Renesas Technology Corp |
|
3 / 148 page ![]() RL78/L23 1. Outline R01DS0502EJ0110 Rev.1.10 Page 3 of 145 Oct 31, 2025 Others • Key interrupt input • Clock output/buzzer output controller • BCD (binary-coded decimal) correction circuit Note Although the CSI function is generally called SPI, it is also called CSI in this product, so it is referred to as such in this manual. Remark The functions mounted depend on the product. For details, see 1.6 Outline of Functions. |