| データシートサーチシステム |
|
FE2.1 データシート(PDF) 18 Page - Terminus Technology Inc. |
|
|
|||||||||||||||||||||||||||||
FE2.1 データシート(HTML) 18 Page - Terminus Technology Inc. |
|
18 / 20 page ![]() USB 2.0 7-Port Hub Data Sheet Rev. 1.01 POWER CONSUMPTION DC SUPPLY CURRENT Symbol Condition Active ports Host Device Typ. Unit I_suspend Suspend 600 uA Icc 7 Full-Speed 7x Full-Speed 36 mA High-Speed 7x High-Speed 155 mA High-Speed 7x Full-Speed 53 mA 6 Full-Speed 6x Full-Speed 36 mA High-Speed 6x High-Speed 140 mA High-Speed 6x Full-Speed 53 mA 5 Full-Speed 5x Full-Speed 36 mA High-Speed 5x High-Speed 125 mA High-Speed 5x Full-Speed 53 mA 4 Full-Speed 4x Full-Speed 35 mA High-Speed 4x High-Speed 111 mA High-Speed 4x Full-Speed 52 mA 3 Full-Speed 3x Full-Speed 35 mA High-Speed 3x High-Speed 96 mA High-Speed 3x Full-Speed 52 mA 2 Full-Speed 2x Full-Speed 35 mA High-Speed 2x High-Speed 82 mA High-Speed 2x Full-Speed 52 mA 1 Full-Speed 1x Full-Speed 35 mA High-Speed 1x High-Speed 66 mA High-Speed 1x Full-Speed 52 mA No active Full-Speed 35 mA High-Speed 52 mA Note: The power consumption is measured when the bus is in IDLE state – there is no activities other than the Start-Of-Frame (SOF) and INTERRUPT-IN packets for the hub itself on the bus. The peak power consumption varies depending upon the system configuration, type of operations, and over-all bus utilization. Jul. 16, 2009 Subject to Change Without Notice 18 |