データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9366-RMN6T データシート(PDF) 13 Page - STMicroelectronics

部品番号 M9366-RMN6T
部品情報  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M9366-RMN6T データシート(HTML) 13 Page - STMicroelectronics

Back Button M9366-RMN6T Datasheet HTML 9Page - STMicroelectronics M9366-RMN6T Datasheet HTML 10Page - STMicroelectronics M9366-RMN6T Datasheet HTML 11Page - STMicroelectronics M9366-RMN6T Datasheet HTML 12Page - STMicroelectronics M9366-RMN6T Datasheet HTML 13Page - STMicroelectronics M9366-RMN6T Datasheet HTML 14Page - STMicroelectronics M9366-RMN6T Datasheet HTML 15Page - STMicroelectronics M9366-RMN6T Datasheet HTML 16Page - STMicroelectronics M9366-RMN6T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13/34
M93S66, M93S56, M93S46
Figure 7. PRCLEAR and PRDS Sequences
Note: For the meanings of An, Xn and Dn, please see Table 2. and Table 3..
AI00892C
S
Protect
Register
CLEAR
1 1
D
Q
OP
CODE
1
BUSY
READY
CHECK
STATUS
ADDR
PRE
W
111
S
Protect
Register
DISABLE
1 0
D
Q
OP
CODE
0
BUSY
READY
CHECK
STATUS
ADDR
PRE
W
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34