| データシートサーチシステム |
|
R5F526TFDDFP データシート(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TFDDFP データシート(HTML) 80 Page - Renesas Technology Corp |
|
80 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 80 of 142 Oct 31, 2024 RX26T Group 2. Electrical Characteristics 2.4.5 Timing of On-Chip Peripheral Modules 2.4.5.1 I/O Port Note 1. tPBcyc: PCLKB cycle Figure 2.14 I/O Port Input Timing 2.4.5.2 TMR Note 1. tPBcyc: PCLKB cycle Figure 2.15 TMR Clock Input Timing Table 2.23 I/O Port Timing Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V, VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF, High-drive output is selected by the driving ability control register. Item Symbol Min. Max. Unit*1 Test Conditions I/O ports Input data pulse width tPRW 1.5 — tPBcyc Figure 2.14 Table 2.24 TMR Timing Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V, VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF, High-drive output is selected by the driving ability control register. Item Symbol Min. Max. Unit*1 Test Conditions TMR Timer clock pulse width Single-edge setting tTMCWH, tTMCWL 1.5 — tPBcyc Figure 2.15 Both-edge setting 2.5 — Port PCLKB tPRW PCLKB TMCI0 to TMCI7 tTMCWL tTMCWH |