データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R5F572TFCDFB データシート(PDF) 49 Page - Renesas Technology Corp

部品番号 R5F572TFCDFB
部品情報  Renesas MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F572TFCDFB データシート(HTML) 49 Page - Renesas Technology Corp

Back Button R5F572TFCDFB Datasheet HTML 45Page - Renesas Technology Corp R5F572TFCDFB Datasheet HTML 46Page - Renesas Technology Corp R5F572TFCDFB Datasheet HTML 47Page - Renesas Technology Corp R5F572TFCDFB Datasheet HTML 48Page - Renesas Technology Corp R5F572TFCDFB Datasheet HTML 49Page - Renesas Technology Corp R5F572TFCDFB Datasheet HTML 50Page - Renesas Technology Corp R5F572TFCDFB Datasheet HTML 51Page - Renesas Technology Corp R5F572TFCDFB Datasheet HTML 52Page - Renesas Technology Corp R5F572TFCDFB Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
R01DS0331EJ0110 Rev.1.10
Page 49 of 120
Oct 06, 2023
RX72T Group
2. Electrical Characteristics
2.2
Recommended operating conditions
Note 1. Comply with the following voltage condition: VCC_USB ≤ VCC ≤ AVCC0 = AVCC1 = AVCC2
Note 2. When the USB interface is not to be used, connect VCC_USB to VCC and VSS_USB to VSS, and set VOLSR.USBVON=0.
Note 3. When not using any of the12-bit A/D converter (unit 0 to 2), 12-bit D/A converter, comparator C, or temperature sensor, connect
AVCC0, AVCC1, and AVCC2 to VCC, and AVSS0, AVSS1, and AVSS2 to VSS, respectively. For details, refer to section
39.6.10, Voltage Range of Analog Power Supply Pins in the User’s Manual: Hardware.
Note 4. When VOLSR.PGAVLS = 0 and ADPGADCR0.PxDEN = 1 (x = 000, 001, 002, 100, 101, 102).
Note 1. Use a multilayer ceramic capacitor with a nominal capacitance of 0.47 µF, for which the sum of the capacitance tolerance and
change in the capacitance under the usage conditions will be no greater than ±30%.
Table 2.2
Recommended operating conditions (1)
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
VCC*1
2.7
—
5.5
V
VSS
—
0
—
USB power supply voltage*2
When USB in use
VCC_USB*1
3.0
—
3.6
VSS_USB
—
0
—
When USB not in
use
VCC_USB
—
VCC
—
VSS_USB
—
VSS
—
Analog power supply voltage*3
AVCC0, AVCC1,
AVCC2*1
3.0
—
5.5
AVSS0, AVSS1,
AVSS2
—0
—
Input voltage
PB1, PB2, PC0, and PD2
Vin
–0.3
—
5.8
P40 to P42, and
P44 to P46
With negative input
enabled*4
–1.0
—
AVCC1 + 0.3
With negative input
disabled
–0.3
—
PH0, PH4
With negative input
enabled*4
–0.5
—
AVCC1 + 0.3
With negative input
disabled
–0.3
—
P43, P47, PH1 to PH3, and PH5 to PH7
–0.3
—
AVCC1 + 0.3
P50 to P55, and P60 to P65
–0.3
—
AVCC2 + 0.3
USB0_DP, USB0_DM
–0.3
—
VCC_USB + 0.3
Other than above
–0.3
—
VCC + 0.3
Operating
temperature
D version
Topr
–40
—
85
°C
G version
–40
—
105
Table 2.3
Recommended operating conditions (2)
Item
Symbol
Value
Decoupling capacitance for stabilizing the internal voltage
CVCL
0.47 µF ± 30%*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More