| データシートサーチシステム |
|
R5F526TBAGFM データシート(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TBAGFM データシート(HTML) 86 Page - Renesas Technology Corp |
|
86 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 86 of 142 Oct 31, 2024 RX26T Group 2. Electrical Characteristics Figure 2.29 Output Disable Time of POEG in Response to the Oscillation Stop Detection Figure 2.30 Output Disable Time for POEG in Direct Response to the Input Level Detection of the GTETRGn pin Figure 2.31 Output Disable Time for POEG in Response to Level Detection Signal from a Comparator Oscillation stop detection signal (internal signal) GPTW PWM output pins Outputs disabled tPOEGDOS Main clock GTETRGn input (n = A to D) GPTW PWM output pins Outputs disabled tPOEGDDI tPOEGW COMPn level detection signal (n = 0 to 5) GPTW PWM output pins Outputs disabled tPOEGDDC |