| データシートサーチシステム |
|
R5F526TBAGFM データシート(PDF) 113 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TBAGFM データシート(HTML) 113 Page - Renesas Technology Corp |
|
113 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 113 of 142 Oct 31, 2024 RX26T Group 2. Electrical Characteristics Figure 2.69 RI3C Data Transfer — ACK by Target A6 A5 C1 A0 D7 D6 D0 ACK SDA C2 C7 C8 C9 RnW ACK C1 C2 C8 C9 SCL SDR transfer 0.7 × VCC 0.3 × VCC 0.7 × VCC 0.3 × VCC = Open-drain pull-up class = High speed active push-pull drive D7 0.7 × VCC SDA D6 ACK 0.3 × VCC RnW CR_SDA 0.7 × VCC 0.3 × VCC 0.7 × VCC 0.3 × VCC TGT_SDA SCL C8 tSCO *1 Timing parameters used tSU_OD Open-drain tSCO *1 Open-drain or Push-pull tSU_PP C9 C1 Push-pull Push-pull C2 0.7 × VCC 0.3 × VCC Transition from open-drain to push-pull SCL clocks are shown identical for OD and PP even though they differ substantially = Active drive by controller or target = Open-drain pull-up class by controller = Hi-Z by target Note: Open-drain: Controller releases SDA after a suitable delay from SCL edges Push-Pull: Controller drives SDA after a suitable delay from SCL edges Note 1. tSCO is depicted for informative purposes only. |