| データシートサーチシステム |
|
R5F5651EDDFM データシート(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651EDDFM データシート(HTML) 55 Page - Renesas Technology Corp |
|
55 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 55 of 188 Oct 31, 2023 50 P15 MTIOC0B/ MTCLKB/ TIOCB2/ TCLKB/TMCI2/ PO13 RXD1/SMISO1/ SSCL1/SCK3/ CRX1-DS PIXD0 IRQ5 51 P14 MTIOC3A/ MTCLKA/ TIOCB5/ TCLKA/TMRI2/ PO15 CTS1#/RTS1#/ SS1#/CTX1/ USB0_OVRCUR A LCD_CL K-A IRQ4 52 P13 WR2#/BC2# MTIOC0B/ TIOCA5/TMO3/ PO13 TXD2/SMOSI2/ SSDA2/ SDA0[FM+] LCD_TC ON0-A IRQ3 ADTRG1 # 53 P12 WR3#/ BC3# MTIC5U/ TMCI1 RXD2/SMISO2/ SSCL2/ SCL0[FM+] LCD_TC ON1-A IRQ2 54 VCC_USB 55 USB0_DM 56 USB0_DP 57 VSS_USB 58 PJ2 TXD8/SMOSI8/ SSDA8/SSLC3-B LCD_TC ON2-A 59 PJ1 MTIOC6A RXD8/SMISO8/ SSCL8/SSLC2-B LCD_TC ON3-A 60 PJ0 MTIOC6B SCK8/SSLC1-B LCD_DA TA0-A 61 P85 MTIOC6C/ TIOCC0 LCD_DA TA1-A 62 P84 MTIOC6D LCD_DA TA2-A 63 P57 RXD7/SMISO7/ SSCL7/SSLC0-B LCD_DA TA3-A 64 P56 EDACK1 MTIOC3C/ TIOCA1 SCK7/RSPCKC- B LCD_DA TA4-A 65 P55 D0[A0/D0]/ EDREQ0/ WAIT# MTIOC4D/ TMO3 ET0_EXOUT/ TXD7/SMOSI7/ SSDA7/MISOC- B/CRX1 LCD_DA TA5-A IRQ10 66 P54 D1[A1/D1]/ EDACK0/ ALE MTIOC4B/ TMCI1 ET0_LINKSTA/ CTS2#/RTS2#/ SS2#/MOSIC-B/ CTX1 LCD_DA TA6-A 67 P11 MTIC5V/TMCI3 SCK2 LCD_DA TA7-A IRQ1 68 P10 ALE MTIC5W/ TMRI3 IRQ0 69 P53*1 BCLK 70 P52 RD# RXD2/SMISO2/ SSCL2/SSLB3-A 71 P51 WR1#/ BC1#/ WAIT# SCK2/SSLB2-A Table 1.6 List of Pin and Pin Functions (176-Pin LFQFP) (3/8) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 176-Pin LFQFP (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |