| データシートサーチシステム |
|
BAT41-07P6FILM データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT41-07P6FILM データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() Characteristics BAT41 Series 2/12 1 Characteristics Table 1. Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 100 V IF Continuous forward current 200 mA IFSM Surge non repetitive forward current tp = 10 ms Sinusoidal 1 A Tstg Storage temperature range -65 to +150 ° C Tj Maximum operating junction temperature 150 ° C Table 2. Thermal parameters Symbol Parameter Value Unit Rth(j-a) Junction to ambient(1) SOD-123 500 °C/W SOT-323, SOD-323 550 SOD-523, SOT-666 600 1. Epoxy printed circuit board with recommended pad layout Table 3. Static electrical characteristics Symbol Parameter Test conditions Min. Typ Max. Unit IR (1) Reverse leakage current Tj = 25° C VR = 50 V 0.1 µA Tj = 100° C 20 VF (2) Forward voltage drop Tj = 25° C IF = 1 mA 400 450 mV IF = 200 mA 1000 1. Pulse test: tp = 5 ms, δ < 2 % 2. Pulse test: tp = 380 µs, δ < 2 % Table 4. Dynamic characteristics Symbol Parameter Test conditions Min. Typ Max. Unit C Diode capacitance VR = 1 V, F = 1 MHz 3 10 pF |