| データシートサーチシステム |
|
R5F56514FDFM データシート(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56514FDFM データシート(HTML) 49 Page - Renesas Technology Corp |
|
49 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 49 of 188 Oct 31, 2023 L3 TDO PF0 TXD1/SMOSI1/ SSDA1 L4 P25 CS5#/ EDACK1 MTIOC4C/ MTCLKB/ TIOCA4/PO5 RXD3/SMISO3/ SSCL3 SDHI_CD/HSYNC ADTRG0 # L12 PB6 A14 MTIOC3D/ TIOCA5/PO30 ET0_ETXD1/ RMII0_TXD1/ RXD9/SMISO9/ SSCL9/ SMISO11/ SSCL11/RXD11 SDSI_D0-B L13 PB3 A11 MTIOC0A/ MTIOC4A/ TIOCD3/ TCLKD/TMO0/ PO27/POE11# ET0_RX_ER/ RMII0_RX_ER/ SCK4/SCK6 SDSI_D3-B LCD_TC ON1-B L14 PB1 A9 MTIOC0C/ MTIOC4C/ TIOCB3/ TMCI0/PO25 ET0_ERXD0/ RMII0_RXD0/ TXD4/SMOSI4/ SSDA4/TXD6/ SMOSI6/SSDA6 LCD_TC ON3-B IRQ4-DS L15 P72 A19/CS2# ET0_MDC LCD_DA TA23-A M1 P27 CS7# MTIOC2B/ TMCI3/PO7 SCK1/RSPCKB- A M2 P26 CS6# MTIOC2A/ TMO1/PO6 TXD1/SMOSI1/ SSDA1/CTS3#/ RTS3#/SS3#/ MOSIB-A M3 P24 CS4#/ EDREQ1 MTIOC4A/ MTCLKA/ TIOCB4/ TMRI1/PO4 SCK3/ USB0_VBUSEN SDHI_WP/PIXCLK M4 P86 MTIOC4D/ TIOCA0 SMISO10/ SSCL10/RXD10 PIXD1 M5 PJ2 TXD8/SMOSI8/ SSDA8/SSLC3-B LCD_TC ON2-A M6 PJ1 MTIOC6A RXD8/SMISO8/ SSCL8/SSLC2-B LCD_TC ON3-A M7 P85 MTIOC6C/ TIOCC0 LCD_DA TA1-A M8 P55 D0[A0/D0]/ EDREQ0/ WAIT# MTIOC4D/ TMO3 ET0_EXOUT/ TXD7/SMOSI7/ SSDA7/MISOC- B/CRX1 LCD_DA TA5-A IRQ10 M9 P50 WR0#/WR# TXD2/SMOSI2/ SSDA2/SSLB1-A M10 PC5 D3[A3/D3]/ A21/CS2#/ WAIT# MTIOC3B/ MTCLKD/ TMRI2/PO29 ET0_ETXD2/ SCK8/SCK10/ RSPCKA-A MMC_D5-A LCD_DA TA11-A M11 P81 EDACK0 MTIOC3D/ PO27 ET0_ETXD0/ RMII0_TXD0/ SMISO10/ SSCL10/RXD10 QIO3-A/SDHI_CD/ MMC_D3-A LCD_DA TA13-A M12 P77 CS7# PO23 ET0_RX_ER/ RMII0_RX_ER/ SMOSI11/ SSDA11/TXD11 QSPCLK-A/ SDHI_CLK-A/ SDSI_CLK-A/ MMC_CLK-A LCD_DA TA17-A M13 PB7 A15 MTIOC3B/ TIOCB5/PO31 ET0_CRS/ RMII0_CRS_DV/ TXD9/SMOSI9/ SSDA9/ SMOSI11/ SSDA11/TXD11 SDSI_D1-B Table 1.5 List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (5/8) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 177-Pin TFLGA 176-Pin LFBGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |