データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FCT16646CTPVCG4 データシート(PDF) 11 Page - Texas Instruments

部品番号 74FCT16646CTPVCG4
部品情報  16-Bit Registered Transceivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74FCT16646CTPVCG4 データシート(HTML) 11 Page - Texas Instruments

Back Button 74FCT16646CTPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT16646CTPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT16646CTPVCG4 Datasheet HTML 9Page - Texas Instruments 74FCT16646CTPVCG4 Datasheet HTML 10Page - Texas Instruments 74FCT16646CTPVCG4 Datasheet HTML 11Page - Texas Instruments 74FCT16646CTPVCG4 Datasheet HTML 12Page - Texas Instruments 74FCT16646CTPVCG4 Datasheet HTML 13Page - Texas Instruments 74FCT16646CTPVCG4 Datasheet HTML 14Page - Texas Instruments 74FCT16646CTPVCG4 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
74FCT162646ATPACT
TSSOP
DGG
56
2000
330.0
24.4
8.6
15.6
1.8
12.0
24.0
Q1
74FCT162646ATPVCT
SSOP
DL
56
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
74FCT162646CTPACT
TSSOP
DGG
56
2000
330.0
24.4
8.6
15.6
1.8
12.0
24.0
Q1
74FCT162646CTPVCT
SSOP
DL
56
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
CY74FCT16646ATPVCT
SSOP
DL
56
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
CY74FCT16646CTPVCT
SSOP
DL
56
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
CY74FCT16646TPVCT
SSOP
DL
56
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15