| データシートサーチシステム |
|
RZ/A1H データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A1H データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 137 page ![]() R01DS0479EJ0100 Rev.1.00 Page 21 of 137 Dec. 25, 2024 RZ/A1H Group, RZ/A1M Group 2. Pin Sound generator SGOUT3 to SGOUT0 O Sound generator output Sound generator output pins. SD host interface SD_CLK_0, SD_CLK_1 O SD clock Output pins for SD clock. SD_CMD_0, SD_CMD_1 I/O SD command SD command output and response input signals. SD_D3_0 to SD_D0_0, SD_D3_1 to SD_D0_1 I/O SD data SD data bus signals. SD_CD_0, SD_CD_1 I SD card detection SD card detection. SD_WP_0, SD_WP_1 I SD write protection SD write protection signals. MMC host interface MMC_CLK O MMC clock Output pin for MMC clock. MMC_CMD I/O MMC command MMC command output and response input signal. MMC_D7 to MMC_D0 I/O MMC data MMC data bus signals. MMC_CD I MMC card detection MMC card detection. Motor control PWM timer PWM1H to PWM1A PWM2H to PWM2A O Timer output PWM output pins. A/D converter AN7 to AN0 I Analog input pins Analog input pins. ADTRG I A/D conversion trigger input External trigger input pin for starting A/D conversion. AVcc I Analog power supply Power supply pin for A/D converter. AVss I Analog ground Ground pin for A/D converter. AVref I Analog reference voltage Reference voltage pin for A/D converter. General I/O ports P2_0 to P2_15, P3_0 to P3_15, P4_0 to P4_15, P5_0 to P5_10, P6_0 to P6_15, P7_0 to P7_15, P8_0 to P8_15, P9_0 to P9_7, P10_0 to P10_15 P11_0 to P11_15 I/O General port General I/O port pins. P1_0 to P1_7 I/O General port 8 input port pins with open-drain output. JP0_0, JP0_1, P0_0 to P0_5, P1_8 to P1_15 I General port 16 general input port pins. Debugging interface TCK/SWDCLK I Test clock Test-clock input pin. Also used as the input clock pin for serial wire debugging TMS/SWDIO I, I/ O Test mode select Test-mode select signal input pin. Also used as the I/O data pin for serial wire debugging TDI I Test data input Serial input pin for instructions and data. TDO O Test data output Serial output pin for instructions and data. TRST I Test reset Initialization-signal input pin. TRACEDATA3 to TRACEDATA0 O Data output Trace data output pins. TRACECLK O Clock output Trace clock output pin. TRACECTL O Enable output Trace enable output pin. Classification Symbol I/O Name Function |