| データシートサーチシステム |
|
M9356-RDS6T データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M9356-RDS6T データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 34 page ![]() 1/34 April 2004 M93S66, M93S56 M93S46 4Kbit, 2Kbit and 1Kbit (16-bit wide) MICROWIRE Serial Access EEPROM with Block Protection FEATURES SUMMARY ■ Industry Standard MICROWIRE Bus ■ Single Supply Voltage: – 4.5 to 5.5V for M93Sx6 – 2.5 to 5.5V for M93Sx6-W – 1.8 to 5.5V for M93Sx6-R ■ Single Organization: by Word (x16) ■ Programming Instructions that work on: Word or Entire Memory ■ Self-timed Programming Cycle with Auto- Erase ■ User Defined Write Protected Area ■ Page Write Mode (4 words) ■ Ready/Busy Signal During Programming ■ Speed: – 1MHz Clock Rate, 10ms Write Time (Current product, identified by process identification letter F or M) – 2MHz Clock Rate, 5ms Write Time (New Product, identified by process identification letter W or G) ■ Sequential Read Operation ■ Enhanced ESD/Latch-Up Behavior ■ More than 1 Million Erase/Write Cycles ■ More than 40 Year Data Retention Figure 1. Packages PDIP8 (BN) 8 1 SO8 (MN) 150 mil width 8 1 TSSOP8 (DW) 169 mil width TSSOP8 (DS) 3x3mm body size |
同様の部品番号 - M9356-RDS6T |
|
同様の説明 - M9356-RDS6T |