| データシートサーチシステム |
|
MK50H25 データシート(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H25 データシート(HTML) 53 Page - STMicroelectronics |
|
53 / 64 page ![]() A 16-23 ALE SYSCLK BM0,1 READY DAS HLDA HOLD 64 24 25 65 26 27 40 23 23 44 41 42 28 22 T1 T2 T 3 T4 T 5 DAL0-15 READ DALO DALI 29 30 50 32 45 DATA IN ADDR 31 49 48 47 46 48 ADDRESS 60 61 43 NOTES: 2. Output delay times are the maximum delay from the specifed edge to a valid output. 3. The Bus Master cycle time will increase from a minimum, in 1 SYSCLK increments until the slave device returns READY. 1. This reduced DMA Cycle Time is selected by setting CSR2 bit 15, CYCLE =1. Figure 7a: MK50H25 Reduced Cycle BUS Master Timing (Read) (for CYCLE = 1, CSR2<15>) MK50H25 53/64 |