| データシートサーチシステム |
|
MK50H25DIP データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H25DIP データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 64 page ![]() 01 ACON ALE CONTROL defines the assertive state of pin 18 when the MK50H25 is a Bus Master. ACON is READ/ WRITE and cleared by Bus RESET. 00 BCON BYTE CONTROL redefines the Byte Mask and Hold I/O pins. BCON is READ/WRITE and cleared by Bus RESET. 4.1.2.6 Control and Status Register 5 (CSR5) CSR5 facilitates control and monitoring of modem controls. RAP<3:1> = 5 BIT NAME DESCRIPTION 15:06 0 Reserved, must be written as zeroes. 5 XEDGE Setting this bit causes the TD output to change on the rising edge of TCLK rather than on the falling edge as indicated in the description of pin 25. This may be useful at high TCLK rates where internal delays may cause application required TD to TCLK setup times to otherwise be violated. 4 RTSEN RTS/CTS ENABLE is a READ/WRITE bit used to configure pins 26 and 30. If this bit is set, pin 26 becomes RTS and pin 30 becomes CTS. RTS is driven low whenever the MK50H25 has data to trans- mit and is kept low during transmission. RTS will be driven high after the closing flag of a signal unit is transmited if either no other frames are in the FIFO or if the minimum signal unit spacing is higher than 2 (see Mode Register). The MK50H25 will not begin transmission and TD will remain HIGH if CTS is high. If RTSEN = 0 then pins 26 and 30 become programmable I/O pins DTR and DSR. The direction and behavior of DSR and DTR are controlled by the following bits. 3 DTRD DTR DIRECTION is a READ/WRITE bit used to control the direction of the DTR/RTS pin. If DTRD = 0, the DTR/RTS pin becomes an input pin and the DTR bit reflects the current value of the pin; if DTRD = 1, the DTR/RTS pin is an output pin controlled by the DTR bit below. 2 DSRD DSR DIRECTION is a READ/WRITE bit used to control the direction of the DSR/CTS pin. If DSRD = 0, the DSR/CTS pin becomes an input pin and the DSR bit reflects the current value of the pin; if DSRD = 1, the DSR/CTS pin is an output pin controlled by the DSR bit below. 1 DTR DATA TERMINAL READY is used to control or observe the DTR I/O pin depending on the value of DTRD. If DTRD = 0, this bit be- comes READ ONLY and always equals the current value of the DTR/RTS pin. If DTRD = 1, this bit becomes READ/WRITE and any value written to this bit appears on the DTR/RTS pin. ACON PIN18 NAME 0 ASSERTED HIGH ALE 1 ASSERTED LOW AS BCON PIN16 PIN15 PIN17 0 BM1 BM0 HOLD 1 BUSAKO BYTE BUSRQ 1 5 1 0 1 4 0 9 1 2 1 1 0 8 0 3 0 7 0 2 0 6 0 5 0 4 0 1 0 0 1 3 000 00 0000 D T R D D S R D D T R D S R R T S E N X E D G E 0 MK50H25 24/64 |