| データシートサーチシステム |
|
MK50H27DIP データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H27DIP データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 56 page ![]() 4.3.1.2 Receive Message Descriptor 1 (RMD1) BIT NAME DESCRIPTION 15:01 RBADR The low order 16 address bits of the receive buffer pointed to by this descriptor. RBADR is written by the Host CPU and unchanged by MK50H27. The receive buffers must be word aligned. 4.3.1.3 Receive Message Descriptor 2 (RMD2) BIT NAME DESCRIPTION 15:00 BCNT Buffer Byte Count is the length of the buffer pointed to by this descriptor expressed in two’s complement. This field is written to by the Host and unchanged by MK50H27. The value of BCNT must be an even number. 4.3.1.4 Receive Message Descriptor 3 (RMD3) BIT NAME DESCRIPTION 15:00 MCNT Message Byte Count is the length, in bytes, of the received signal unit. MCNT is valid only when ELF is set to a one. MCNT is written by MK50H27 and read by the Host. If ELF is set to a zero the entire buffer has been utilized and the message byte count is given in BCNT above. The value of this field is expressed in two’s comple- ment. 1 5 1 4 1 3 0 7 0 8 1 0 1 1 1 2 0 1 0 2 0 3 0 4 0 5 0 0 0 9 0 6 MCNT<15:00> 1 5 1 4 1 3 0 7 0 8 1 0 1 1 1 2 0 1 0 2 0 3 0 4 0 5 0 0 0 9 0 6 BCNT<15:00> 0 1 1 5 1 4 1 3 0 7 0 8 1 0 1 1 1 2 0 1 0 2 0 3 0 4 0 5 0 0 0 9 0 6 RBADR<15:00> 0 MK50H27 35/56 |