データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDPTC6 データシート(PDF) 1 Page - Infinite Electronics International, Inc.

部品番号 TDPTC6
部品情報  Pull Through RJ45 Plug Cat6 Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  L-COM [Infinite Electronics International, Inc.]
ホームページ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

TDPTC6 データシート(HTML) 1 Page - Infinite Electronics International, Inc.

  TDPTC6 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
09/21/2018
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
TDPTC6
A
TDPTC6.SLDDRW
11
DGUTTADAURO
09/25/2018
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
DGUTTADAURO
09/25/2018
09/25/2018
A
REV A DRAWING RELEASED
DFRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
Pull Through RJ45 Plug Cat6 Unshielded
TELECOM/MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
DFRISIELLO
UNDIMENSIONED FEATURES
MAY OCCUR
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
CE2011/65/EU(RoHS DIRECTIVE)
REGULATORY COMPLIANCE:
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
PLUG SHALL BE PACKAGED IN BULK, 100 PIECES PER BAG IN
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
NOTES:
SPECIFICATIONS:
1. ELECTRICAL:
UL APPLICATIONS: 250 VOLTS AC MAX., AT 2 AMPS
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VOLTS AC
WITH STAND VOLTAGE TIME: 60S
INSULATION RESISTANCE: 100 MΩ
TERMINATION RESISTANCE: 20MΩ MAX AFTER
ENVIRONMRNTAL TESTING.
2. MECHANICAL:
CABLE-TO-PLUG TENSILE STRENGTH: 20 POUND MIN.
DURABILITY: 200 MATING CYCLES
3. MATERIAL & FINISH:
HOUSING: POLYCARBONATE, UL94V-0 OR UL94V-2
COLOR: TRANSPARENT
CONTACT BLADE: COPPER ALLOY
CONDUCTOR: STRANDED OR SOLID WIRE, 24AWG, 26AWG
(O.D. WIRE FROM .037 [.96] TO .040 [1.02])
GOLD PLATING: 50μ"


同様の部品番号 - TDPTC6

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TDPT14011001AUF VISHAY-TDPT14011001AUF Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
TDPT14011001BUF VISHAY-TDPT14011001BUF Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
TDPT14011001CUF VISHAY-TDPT14011001CUF Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
TDPT14011001DUF VISHAY-TDPT14011001DUF Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
TDPT14011001EUF VISHAY-TDPT14011001EUF Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
More results

同様の説明 - TDPTC6

メーカー部品番号データシート部品情報
logo
Assmann Electronics Inc...
DN-93601-U-BL ASSMANN-DN-93601-U-BL Datasheet
144Kb / 1P
Cat6 Unshielded Keystone Jack
DN-93601-U-R ASSMANN-DN-93601-U-R Datasheet
144Kb / 1P
Cat6 Unshielded Keystone Jack
DN-93601-U-WH ASSMANN-DN-93601-U-WH Datasheet
144Kb / 1P
Cat6 Unshielded Keystone Jack
logo
Bel Fuse Inc.
SS-39100-016 BEL-SS-39100-016 Datasheet
345Kb / 1P
8 POSITION / 8 CONDUCTOR CAT6 UNSHIELDED PLUG
SS-39100-029 BEL-SS-39100-029 Datasheet
208Kb / 1P
8 POSITION / 8 CONDUCTOR CAT6 UNSHIELDED PLUG
SS-39100-030 BEL-SS-39100-030 Datasheet
141Kb / 1P
8 POSITION / 8 CONDUCTOR CAT6 UNSHIELDED PLUG
SS-39100-031 BEL-SS-39100-031 Datasheet
253Kb / 1P
8 POSITION / 8 CONDUCTOR CAT6 UNSHIELDED PLUG
SS-39100-039 BEL-SS-39100-039 Datasheet
281Kb / 1P
8 POSITION / 8 CONDUCTOR CAT6 UNSHIELDED PLUG
logo
Tripp Lite. All Rights ...
N232-050-UTP TRIPPLITE-N232-050-UTP Datasheet
57Kb / 2P
Cat6 RJ45 Pass-Through UTP Modular Plug, 50 Pack
N232-100-UTP TRIPPLITE-N232-100-UTP Datasheet
57Kb / 2P
Cat6 RJ45 Pass-Through UTP Modular Plug, 100 Pack
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com