| データシートサーチシステム |
|
KW-CVLMM2-TK データシート(PDF) 21 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
KW-CVLMM2-TK データシート(HTML) 21 Page - ams-OSRAM AG |
|
21 / 25 page ![]() KW CVLMM2.TK DATASHEET DATASHEET 21 | Version 1.3 | 2025-05-13 Notes The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this data sheet fall into the class moderate risk (exposure time 0.25 s). Under real circumstances (for exposure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye ex- ists from these devices. As a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure potential due to their blinding effect. When looking at bright light sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy- ance, visual impairment, and even accidents, depending on the situation. Subcomponents of this device contain, in addition to other substances, metal filled materials. Metal filled materials can be affected by environments that contain traces of aggressive substances. Therefore, we recommend that customers avoid device exposure to aggressive substances during storage, production, and use. For further application related information please visit https://ams-osram.com/support/application-notes |