| データシートサーチシステム |
|
MCP4725A2TE/CH データシート(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4725A2TE/CH データシート(HTML) 3 Page - Microchip Technology |
|
3 / 42 page ![]() © 2007 Microchip Technology Inc. DS22039C-page 3 MCP4725 Power Up Time TPU —2.5 — µs VDD = 5V —5 — µs VDD = 3V Coming out of Power-down mode, started from falling edge of ACK pulse in I2C command. DC Output Impedance ROUT —1 — Ω Normal mode (VOUT to VSS) —1 — k Ω Power-Down Mode 1 (VOUT to VSS) —100 — k Ω Power-Down Mode 2 (VOUT to VSS) —500 — k Ω Power-Down Mode 3 (VOUT to VSS) Dynamic Performance Major Code Transition Glitch — 45 — nV-s 1 LSB change around major carry (800h to 7FFh) ( Note 2) Digital Feedthrough — <10 — nV-s Note 2 Digital Interface Output Low Voltage VOL — — 0.4 V IOL = 3 mA Input High Voltage (SDA and SCL Pins) VIH 0.7VDD —— V Input Low Voltage (SDA and SCL Pins) VIL — —0.3VDD V Input High Voltage (A0 Pin) VA0-Hi 0.8VDD —— Note 4 Input Low Voltage (A0 Pin) VA0-IL — — 0.2VDD Note 4 Input Leakage ILI — — ±1 µA SCL = SDA = A0 = VSS or SCL = SDA = A0 = VDD Pin Capacitance CPIN —— 3 pF Note 2 EEPROM EEPROM Write Time TWRITE — 25 50 ms EEPROM Write time for 14 bits Data Retention — 200 — Years At +25°C, (Note 2) Endurance 1 — — Million Cycles At +25°C, (Note 2) ELECTRICAL CHARACTERISTICS (CONTINUED) Electrical Specifications: Unless otherwise indicated, all parameters apply at V DD = + 2.7V to 5.5V, VSS = 0V, RL = 5 kΩ from VOUT to VSS, CL = 100 pF, TA = -40°C to +125°C. Typical values are at +25°C. Parameter Sym Min Typ Max Units Conditions Note 1: Test Code Range: 100 to 4000. 2: This parameter is ensure by design and not 100% tested. 3: Within 1/2 LSB of the final value when code changes from 1/4 to 3/4 (400h to C00h) of full-scale. 4: Logic state of external address pin (A0 pin). |