データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KW-DPLS32-SB データシート(PDF) 2 Page - ams-OSRAM AG

部品番号 KW-DPLS32-SB
部品情報  SYNIOS® P4014
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DPLS32-SB データシート(HTML) 2 Page - ams-OSRAM AG

  KW-DPLS32-SB Datasheet HTML 1Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 2Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 3Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 4Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 5Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 6Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 7Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 8Page - ams-OSRAM AG KW-DPLS32-SB Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
KW DPLS32.SB
DATASHEET
DATASHEET
2 | Version 1.1 | 2022-06-03
SYNIOS® P4014
KW DPLS32.SB
This compact LED offers an extremely low-profile
and compact design of 4.0 x 1.4 x 0.65 mm, uniform
distribution of light and rugged plastic housing.
The target application of the cold white KW DPLS32.SB is the
backlighting of LCD displays.
Thanks to the longer lifetime it is perfectly suitable for the use in
displays in the industrial sector.
The use of a special white coating in the LED ensures an im-
proved color and brightness stability.
Applications
- Displays (Backlighting)
- Industry Monitors (Backlighting)
Features
- Package: SMD epoxy package, colored silicone resin
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.29, Cy = 0.28 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 1B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com