| データシートサーチシステム |
|
KB826CD データシート(PDF) 6 Page - Kingbright Corporation |
|
|
|||||||||||||||||||||||||||||
KB826CD データシート(HTML) 6 Page - Kingbright Corporation |
|
6 / 8 page ![]() SPEC NO: DSAD1546 REV NO: V.4 DATE: APR/07/2005 PAGE: 6 OF 8 APPROVED: J. Lu CHECKED: Tracy Deng DRAWN: B.H.LI ERP: 1205000013 PHOTOCOUPLER KB826 Fig. 11 Collector-emitter Saturation Voltage vs. Forward Current ****NOTES ON HANDLING 1.Recommended soldering conditions (Dip soldering) (1) Dip soldering Temperature 260 °C or below (molten solder temperature) Time Less than 10 seconds. Cycle One cycle allowed to be dipped in solder including plastic mold portion. Flux Rosin flux containing small amount of chorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.) (2) Cautions Fluxes Avovid removing the residual flux with freon-based and chlorine-based cleaning solvent. 2.Cautions regarding noise Be aware that power is suddenly into the componment any surge current may cause damage happen, even if the voltage is within the absolute maximum ratings. |