データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUL68B データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 BUL68B
部品情報  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL68B データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL68B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL68B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicon NPN Power Transistor
BUL68B
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)1
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.1A
--
--
0.2
V
VCE(sat)2
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
--
--
0.6
V
VCE(sat)3
Collector-Emitter Saturation Voltage
IC= 6A; IB= 0.6A
--
--
1.5
V
VBE(sat)1
Emitter-Base Saturation Voltage
IC= 3A; IB= 0.3A
--
--
1.1
V
VBE(sat)2
Emitter-Base Saturation Voltage
IC= A; IB= 0.6A
--
--
1.4
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA
100
--
--
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA
200
--
--
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 1mA
10
--
--
V
ICBO
Collector -Base Cut–Off Current
VCB = 200V,IE=0A
--
--
10
uA
ICEO
Collector -Emitter Cut–Off Current
VCE = 90V,IB=0A
--
--
100
uA
IEBO
Emitter Cut–Off Current
VEB = 9V,IC=0A
--
--
10
uA
hFE1
DC Current Gain
IC= 0.3A; VCE= 4V
30
--
80
--
hFE2
DC Current Gain
IC= 3A; VCE= 4V
25
--
60
--
hFE3
DC Current Gain
IC= 5A; VCE= 1V
8
--
--
--
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose,
nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages.
It is strictly prohibited to reprint or copy part or all of this datasheet without permission from ISC.



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com