データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA-H9GP データシート(PDF) 13 Page - ams-OSRAM AG

部品番号 LA-H9GP
部品情報  OSLON® Black
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-H9GP データシート(HTML) 13 Page - ams-OSRAM AG

Back Button LA-H9GP Datasheet HTML 9Page - ams-OSRAM AG LA-H9GP Datasheet HTML 10Page - ams-OSRAM AG LA-H9GP Datasheet HTML 11Page - ams-OSRAM AG LA-H9GP Datasheet HTML 12Page - ams-OSRAM AG LA-H9GP Datasheet HTML 13Page - ams-OSRAM AG LA-H9GP Datasheet HTML 14Page - ams-OSRAM AG LA-H9GP Datasheet HTML 15Page - ams-OSRAM AG LA-H9GP Datasheet HTML 16Page - ams-OSRAM AG LA-H9GP Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LA H9GP
DATASHEET
DATASHEET
13 | Version 1.8 | 2023-09-29
Electrical Internal Circuit
Recommended Solder Pad 8)
For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. In case the PCB
layout of the application is intended to be used with other OSLON derivates or in future developed OSLON derivates, the heat
sink must not be electrically connected to anode or cathode solder pad because of possible chip inverted polarity. Package
not suitable for ultra sonic cleaning. To ensure a high solder joint reliability and to minimize the risk of solder joint cracks, the
customer is responsible to evaluate the combination of PCB board and solder paste material for his application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23