データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7LCRDIE6 データシート(PDF) 23 Page - STMicroelectronics

部品番号 ST7LCRDIE6
部品情報  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6 データシート(HTML) 23 Page - STMicroelectronics

Back Button ST7LCRDIE6 Datasheet HTML 19Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 20Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 21Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 22Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 23Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 24Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 25Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 26Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
ST7LCR
23/29
5
Package characteristics
In order to meet environmental requirements, ST offers these devices in ECOPACK®
package. The package has a lead-free second level interconnect. The category of second
Level Interconnect is marked on the package and on the inner box label, in compliance with
JEDEC standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29