データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A22Z-R25 データシート(PDF) 24 Page - Omron Electronics LLC

部品番号 A22Z-R25
部品情報  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 データシート(HTML) 24 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 25Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 26Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 27Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
A22NE-P
24
Dimensions
(Unit: mm)
Non-lighted Models
Note: Unless otherwise specified, a tolerance of ±0.8mm applies to all dimensions.
Dimensions when a two-contact Switch Block is attached
A22NE-MP-P
@@2-N
A22NE-S-P
@@2-N
A22NE-M-P
@@2-N
A22NE-L-P
@@2-N
Lighted Model
A22NE-M-P
@@2-@
1.8
5.9
0.5
32
39.5
40 dia.
42.5
Pull-reset (40-dia.)
1.8
5.9
0.5
32
39.5
30 dia.
42.5
Small Turn-reset (30-dia.)
1.8
5.9
0.5
32
39.5
40 dia.
42.5
Note: The dimensions the same even if the Operation Unit is replaced
with the A22NE-MR
@-N or the A22NE-MR@-N-RD.
Medium Turn-reset (40-dia.)
60 dia.
1.8
5.9
0.5
32
39.5
42.5
Large Turn-reset (60-dia.)
40 dia.
1.8
5.9
0.5
32
39.5
42.5
Medium Turn-reset (40-dia.)
40 dia.
0.5
1.8
5.9
55
44
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40