データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN75189ADE4 データシート(PDF) 8 Page - Texas Instruments

部品番号 SN75189ADE4
部品情報  QUADRUPLE LINE RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN75189ADE4 データシート(HTML) 8 Page - Texas Instruments

Back Button SN75189ADE4 Datasheet HTML 4Page - Texas Instruments SN75189ADE4 Datasheet HTML 5Page - Texas Instruments SN75189ADE4 Datasheet HTML 6Page - Texas Instruments SN75189ADE4 Datasheet HTML 7Page - Texas Instruments SN75189ADE4 Datasheet HTML 8Page - Texas Instruments SN75189ADE4 Datasheet HTML 9Page - Texas Instruments SN75189ADE4 Datasheet HTML 10Page - Texas Instruments SN75189ADE4 Datasheet HTML 11Page - Texas Instruments SN75189ADE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A
QUADRUPLE LINE RECEIVERS
SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 7
INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
2.2
2
1.8
1.6
1.4
1.2
1
0.8
0.6
125
100
75
50
25
0
–25
–50
–75
0.4
150
2.4
TA – Free-Air Temperature – °C
– 100
’89 VIT+
’89A VIT–
’89 VIT–
’89A VIT+
Figure 8
INPUT THRESHOLD VOLTAGE
vs
SUPPLY VOLTAGE
’89A VIT–
’89 VIT+
’89 VIT–
’89A VIT+
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
9
8
7
6
5
4
3
0
10
2
VCC – Supply Voltage – V
2
Figure 9
SN75189
NOISE REJECTION
TA = 25°C
VCC = 5 V
4000
1000
400
100
40
5
4
3
2
1
0
10000
6
tw – Pulse Duration – ns
10
CC = 500 pF
CC = 10 pF
CC = 100 pF
CC = 300 pF
See Note A
NOTE A: Maximum amplitude of a positive-going pulse that,
starting from 0 V, will not cause a change in the
output level.
Figure 10
SN75189A
NOISE REJECTION
CC = 300 pF
10
tw – Pulse Duration – ns
6
10000
0
1
2
3
4
5
40
100
400
1000
4000
CC = 500 pF
CC = 12 pF
CC = 100 pF
VCC = 5 V
TA = 25°C
See Note A
NOTE A: Maximum amplitude of a positive-going pulse that,
starting from 0 V, will not cause a change in the
output level.
† Data for free-air temperatures below 0
°C and above 70°C are applicable to SN55189 and SN55189A circuits only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com