| データシートサーチシステム |
|
9DB633AFILF データシート(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB633AFILF データシート(HTML) 9 Page - Renesas Technology Corp |
|
9 / 15 page ![]() IDT® Six Output Differential Buffer for PCIe Gen3 1668F—10/20/16 9DB633 Six Output Differential Buffer for PCIe Gen3 9 Datasheet General SMBus serial interface information for the 9DB633 How to Write: • Controller (host) sends a start bit. • Controller (host) sends the write address D4 (H) • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) sends the data byte count = X • ICS clock will acknowledge • Controller (host) starts sending Byte N through Byte N + X -1 (see Note 2) • ICS clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit How to Read: • Controller (host) will send start bit. • Controller (host) sends the write address D4 (H) • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) will send a separate start bit. • Controller (host) sends the read address D5 (H) • ICS clock will acknowledge • ICS clock will send the data byte count = X • ICS clock sends Byte N + X -1 • ICS clock sends Byte 0 through byte X (if X (H) was written to byte 8). • Controller (host) will need to acknowledge each byte • Controllor (host) will send a not acknowledge bit • Controller (host) will send a stop bit ICS (Sla ve /Re ce ive r) T WR ACK ACK ACK ACK ACK P Byte N + X - 1 Data Byte Count = X Beginning Byte N stoP bit Index Block Write Operation Slave Address D4(H) Beginning Byte = N WRite starT bit Controlle r (Host) TstarT bit WR WRite RT Repeat starT RD ReaD Beginning Byte N Byte N + X - 1 N Not acknowledge PstoP bit Slave Address D5(H) Index Block Read Operation Slave Address D4(H) Beginning Byte = N ACK ACK Data Byte Count = X ACK ICS (Slave/Receiver) Controller (Host) ACK ACK |