| データシートサーチシステム |
|
9DB833AFILF データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB833AFILF データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 19 page ![]() 9DB833 EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3 IDT® EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3 13 9DB833 MAY 25, 2018 SMBus Table: Vendor & Revision ID Register Pin # Name Control Function Type 0 1 Default Bit 7 RID3 R - - 0 Bit 6 RID2 R - - 0 Bit 5 RID1 R - - 0 Bit 4 RID0 R - - 1 Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 SMBus Table: DEVICE ID Pin # Name Control Function Type 0 1 Default Bit 7 DID7 Device ID 7 (MSB) RW 1 Bit 6 DID6 Device ID 6 RW 0 Bit 5 DID5 Device ID 5 RW 0 Bit 4 DID4 Device ID 4 RW 0 Bit 3 DID3 Device ID 3 RW 0 Bit 2 DID2 Device ID 2 RW 0 Bit 1 DID1 Device ID 1 RW 1 Bit 0 DID0 Device ID 0 RW 1 SMBus Table: Byte Count Register Pin # Name Control Function Type 0 1 Default Bit 7 BC7 RW - - 0 Bit 6 BC6 RW - - 0 Bit 5 BC5 RW - - 0 Bit 4 BC4 RW - - 0 Bit 3 BC3 RW - - 0 Bit 2 BC2 RW - - 1 Bit 1 BC1 RW - - 1 Bit 0 BC0 RW - - 1 REVISION ID - - - Byte 4 - - - - - VENDOR ID - - - Device ID is 83 Hex for 9DB833 Byte 5 - Writing to this register configures how many bytes will be read back. - - - - - - - Byte 6 - - - - - |