| データシートサーチシステム |
|
M95020-RBN6 データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95020-RBN6 データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 37 page ![]() 19/37 M95040, M95020, M95010 POWER-UP AND DELIVERY STATE Power-up State After Power-up, the device is in the following state: – low power Standby Power mode – deselected (after Power-up, a falling edge is required on Chip Select (S) before any instructions can be started). – not in the Hold Condition – the Write Enable Latch (WEL) is reset to 0 – Write In Progress (WIP) is reset to 0 The BP1 and BP0 bits of the Status Register are unchanged from the previous power-down (they are non-volatile bits). Initial Delivery State The device is delivered with the memory array set at all 1s (FFh). The Block Protect (BP1 and BP0) bits are initialized to 0. |