| データシートサーチシステム |
|
D4NH-5ABC データシート(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D4NH-5ABC データシート(HTML) 2 Page - Omron Electronics LLC |
|
2 / 12 page ![]() G-208 Safety Sensors / Components Ordering Information List of Models Switches Note: 1. It is recommended that M20 be used for Switches to be exported to Europe and 1/2-14NPT be used for Switches to be exported to North American countries. 2. All models have slow-action contacts with approved direct opening mechanisms on NC contacts only. 3. The 1/2-14NPT 2-conduit models include an M20-to-1/2-14NPT changing adaptor. Actuator Conduit size Built-in switch mechanism 1NC/1NO (Slow-action) 2NC (Slow-action) 2NC/1NO (Slow-action) Shaft 1-conduit Pg13.5 D4NH-1AAS D4NH-1BAS D4NH-1CAS G1/2 D4NH-2AAS D4NH-2BAS D4NH-2CAS 1/2-14NPT D4NH-3AAS D4NH-3BAS D4NH-3CAS M20 D4NH-4AAS D4NH-4BAS D4NH-4CAS M12 connector D4NH-9AAS D4NH-9BAS --- 2-conduit Pg13.5 D4NH-5AAS D4NH-5BAS D4NH-5CAS G1/2 D4NH-6AAS D4NH-6BAS D4NH-6CAS 1/2-14NPT (See note 3.) D4NH-7AAS D4NH-7BAS D4NH-7CAS M20 D4NH-8AAS D4NH-8BAS D4NH-8CAS Arm lever 1-conduit Pg13.5 D4NH-1ABC D4NH-1BBC D4NH-1CBC G1/2 D4NH-2ABC D4NH-2BBC D4NH-2CBC 1/2-14NPT D4NH-3ABC D4NH-3BBC D4NH-3CBC M20 D4NH-4ABC D4NH-4BBC D4NH-4CBC M12 connector D4NH-9ABC D4NH-9BBC --- 2-conduit Pg13.5 D4NH-5ABC D4NH-5BBC D4NH-5CBC G1/2 D4NH-6ABC D4NH-6BBC D4NH-6CBC 1/2-14NPT (See note 3.) D4NH-7ABC D4NH-7BBC D4NH-7CBC M20 D4NH-8ABC D4NH-8BBC D4NH-8CBC Actuator Conduit size Built-in switch mechanism 3NC (Slow-action) 1NC/1NO MBB (Slow-action) 2NC/1NO MBB (Slow-action) Shaft 1-conduit Pg13.5 D4NH-1DAS D4NH-1EAS D4NH-1FAS G1/2 D4NH-2DAS D4NH-2EAS D4NH-2FAS 1/2-14NPT D4NH-3DAS D4NH-3EAS D4NH-3FAS M20 D4NH-4DAS D4NH-4EAS D4NH-4FAS M12 connector --- D4NH-9EAS --- 2-conduit Pg13.5 D4NH-5DAS D4NH-5EAS D4NH-5FAS G1/2 D4NH-6DAS D4NH-6EAS D4NH-6FAS 1/2-14NPT (See note 3.) D4NH-7DAS D4NH-7EAS D4NH-7FAS M20 D4NH-8DAS D4NH-8EAS D4NH-8FAS Arm lever 1-conduit Pg13.5 D4NH-1DBC D4NH-1EBC D4NH-1FBC G1/2 D4NH-2DBC D4NH-2EBC D4NH-2FBC 1/2-14NPT D4NH-3DBC D4NH-3EBC D4NH-3FBC M20 D4NH-4DBC D4NH-4EBC D4NH-4FBC M12 connector --- D4NH-9EBC --- 2-conduit Pg13.5 D4NH-5DBC D4NH-5EBC D4NH-5FBC G1/2 D4NH-6DBC D4NH-6EBC D4NH-6FBC 1/2-14NPT (See note 3.) D4NH-7DBC D4NH-7EBC D4NH-7FBC M20 D4NH-8DBC D4NH-8EBC D4NH-8FBC Prefered types |