データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S2-LPS データシート(PDF) 72 Page - STMicroelectronics

部品番号 S2-LPS
部品情報  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS データシート(HTML) 72 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 65Page - STMicroelectronics S2-LPS Datasheet HTML 66Page - STMicroelectronics S2-LPS Datasheet HTML 67Page - STMicroelectronics S2-LPS Datasheet HTML 68Page - STMicroelectronics S2-LPS Datasheet HTML 69Page - STMicroelectronics S2-LPS Datasheet HTML 70Page - STMicroelectronics S2-LPS Datasheet HTML 71Page - STMicroelectronics S2-LPS Datasheet HTML 72Page - STMicroelectronics S2-LPS Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
List of figures
Figure 1.
Simplified S2-LPS block diagram ....................................................... 3
Figure 2.
Suggested application diagram (embedded SMPS used) ....................................... 5
Figure 3.
Suggested application diagram (embedded SMPS not used) .................................... 6
Figure 4.
Suggested application diagram HPM/LPM (integrated balun, embedded SMPS used) ................... 6
Figure 5.
Pin diagram, QFN24 (4x4 mm) package .................................................. 8
Figure 6.
Power-On-Reset timing and limits ...................................................... 19
Figure 7.
Start-up phase ................................................................... 20
Figure 8.
Examples of possible connections for SDN pin ............................................. 20
Figure 9.
Direct polar mode ................................................................. 25
Figure 10.
Output power ramping configuration .................................................... 32
Figure 11.
Threshold in FIFO ................................................................. 33
Figure 12.
State diagram.................................................................... 35
Figure 13.
SPI write sequence ................................................................ 42
Figure 14.
SPI read sequence ................................................................ 43
Figure 15.
SPI command sequence ............................................................ 43
Figure 16.
QFN24L (4x4 mm) package outline ..................................................... 62
Figure 17.
QFN24 4x4x1pitch 0.5 mm PCB pad pattern .............................................. 64
Figure 18.
QFN recommended soldering profiles ................................................... 64
S2-LPS
List of figures
DS13831 - Rev 1
page 72/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73