| データシートサーチシステム |
|
VIPER319HDTR データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER319HDTR データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 39 page ![]() Figure 34. OVP timing VOVP OVP count GD OVP triggered and IC disabled VOVP_th VDD OVP check and IC re-enabled ovp_eoc OVP check and IC disabled < tOVP_DEB tOVP_DEB tOVP_REST tOVP_REST tOVP_DEB VCCon VCSon An input overvoltage protection can be easily realized connecting the rectified mains to OVP pin through a voltage divider, as shown in Figure 35. Connection for input overvoltage protection (iso/non-iso topologies). In case of non-isolated topologies, with the same principle an output overvoltage protection can be implemented, as shown in Figure 36. Connection for output overvoltage protection (non-iso topologies). If the OVP feature is not required, OVP pin must be connected to GND, which excludes the function. If the OVP feature is required, RH value can be set arbitrarily, but some Mohms at least are recommended in order to minimize the power consumption of the OVP network. Then, if Vin/out_OVP is the desired input/output overvoltage threshold, the value of RL can be calculated from the following formula: Equation 4 (4) RL= RH Vin/out_OVP VOVP_tℎ −1 The power consumption of the OVP network at given Vin is expressed as: Equation 5 (5) POVPVin = Vin2RH+RL in case of connection for input overvoltage protection and Equation 6 (6) POVPVOUT = VOUT2 RH+RL in case of connection for output overvoltage protection. VIPER31 General description DS13285 - Rev 6 page 22/39 |