| データシートサーチシステム |
|
9SQ445 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9SQ445 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 31 page ![]() 21 ©2021–2026 Renesas Electronics Corporation R31DS0066EU0104 August 5, 2026 9SQ445 Datasheet Table 19. SMBus Address Selection SMB_ADR0_tri SMBus Address L B2 M B4 H B6 Table 20. Byte 0: Output Enable Control Register Bit Description If Bit = 0 If Bit = 1 Type Default Output(s) Affected 7 Reserved — — RW 0 — 6 Reserved — — RW 0 — 5 Reserved — — RW 0 — 4 Reserved — — RW 0 — 3 Output Enable 100M3 Disabled Enabled RW 1 100M3 2 Reserved — — RW 0 — 1 Output Enable 100M1 Disabled Enabled RW 1 100M1 0 Output Enable 100M0 Disabled Enabled RW 1 100M0 Table 21. Byte 1: Output Enable Control Register Bit Description If Bit = 0 If Bit = 1 Type Default Output(s) Affected 7 Reserved — — RW 0 — 6 Reserved — — RW 0 — 5 Output Enable MXCK5 Disabled Enabled RW 1 MXCK5 4 Output Enable MXCK4 Disabled Enabled RW 1 MXCK4 3 Reserved — — RW 0 — 2 Reserved — — RW 0 — 1 Reserved — — RW 0 — 0 Reserved — — RW 0 — |